Part Number Hot Search : 
UJA1163 AD6315LF M101A 15K1A318 CM1508 628128 C101A 0100C
Product Description
Full Text Search
 

To Download CAT24WC66WE-18-GT2C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAT24WC66 64-Kb I2C Serial EEPROM with Partial Array Write Protection
Description
The CAT24WC66 is a 64-Kb Serial CMOS EEPROM internally organized as 8192 words of 8 bits each. ON Semiconductor's advanced CMOS technology substantially reduces device power requirements. The CAT24WC66 features a 32-byte page write buffer. The device operates via the I2C bus serial interface and is available in 8-pin PDIP or 8-pin SOIC packages.
Features
http://onsemi.com
* * * * * * * * * * *
400 kHz I2C Bus 1.8 V to 5.5 V Supply Voltage Range Cascadable for up to Eight Devices 32-byte Page Write Buffer Self-timed Write Cycle with Auto-clear Schmitt Trigger Inputs for Noise Protection Write Protection - Top 1/4 Array Protected when WP at VIH 1,000,000 Program/Erase Cycles 100 Year Data Retention Industrial and Automotive Temperature Ranges This Device is Pb-Free, Halogen Free/BFR Free, and RoHS Compliant
VCC
PDIP-8 L SUFFIX CASE 646AA
SOIC-8 W or X SUFFIX CASE 751BD
PIN CONFIGURATIONS
A0 A1 A2 VSS DIP Package (L) A0 A1 A2 VSS 1 VCC WP SCL SDA SOIC Package (W, X) 1 VCC WP SCL SDA
SCL
A2, A1, A0 WP
CAT24CW66
SDA
PIN FUNCTION
Pin Name A0, A1, A2 SDA SCL Function Device Address Inputs Serial Data/Address Serial Clock Write Protect Power Supply Ground
VSS
WP VCC VSS
Figure 1. Functional Symbol
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 11 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2009
August, 2009 - Rev. 10
1
Publication Order Number: CAT24WC66/D
CAT24WC66
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameters Temperature Under Bias Storage Temperature Voltage on any Pin with Respect to Ground (Note 1) VCC with Respect to Ground Package Power Dissipation Capability (TA = 25C) Lead Soldering Temperature (10 secs) Output Short Circuit Current (Note 2) Ratings -55 to +125 -65 to +150 -2.0 to VCC + 2.0 -2.0 to 7.0 1.0 300 100 Units C C V V W C mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. The minimum DC input voltage is -0.5 V. During transitions, inputs may undershoot to -2.0 V for periods of less than 20 ns. Maximum DC voltage on output pins is VCC + 0.5 V, which may overshoot to VCC + 2.0 V for periods of less than 20 ns. 2. Output shorted for no more than one second. No more than one output shorted at a time.
Table 2. REABILITY CHARACTERISTICS
Symbol NEND (Note 3) TDR (Note 3) VZAP (Note 3) ILTH (Notes 3, 4) Parameter Endurance Data Retention ESD Susceptibility Latch-up Reference Test Method MIL-STD-883, Test Method 1033 MIL-STD-883, Test Method 1008 MIL-STD-883, Test Method 3015 JEDEC Standard 17 Min 1,000,000 100 2000 100 Max Units Cycles / Byte Years Volts mA
3. This parameter is tested initially and after a design or process change that affects the parameter. 4. Latch-up protection is provided for stresses up to 100 mA on address and data pins from -1 V to VCC + 1 V.
Table 3. D.C. OPERATING CHARACTERISTICS (VCC = 1.8 V to 5.5 V, unless otherwise specified.)
Symbol ICC ISB (Note 5) ILI ILO VIL VIH VOL1 VOL2 Parameter Power Supply Current Standby Current (VCC = 5 V) Input Leakage Current Output Leakage Current Input Low Voltage Input High Voltage Output Low Voltage (VCC = +3.0 V) Output Low Voltage(VCC = +1.8 V) IOL = 3.0 mA IOL = 1.5 mA Test Conditions fSCL = 100 kHz VIN = GND or VCC VIN = GND to VCC VOUT = GND to VCC -1 VCC x 0.7 Min Typ Max 3 1 10 10 VCC x 0.3 VCC + 0.5 0.4 0.5 Units mA mA mA mA V V V V
5. Maximum standby current (ISB) = 10 mA for the Automotive and Extended Automotive temperature range.
Table 4. CAPACITANCE (TA = 25C, f = 1.0 MHz, VCC = 5 V)
Symbol CI/O (Note 3) CIN (Note 3) Parameter Input/Output Capacitance (SDA) Input Capacitance (A0, A1, A2, SCL, WP) Conditions VI/O = 0 V VIN = 0 V Min Typ Max 8 6 Units pF pF
http://onsemi.com
2
CAT24WC66
Table 5. A.C. CHARACTERISTICS (VCC = 1.8 V to 5.5 V, unless otherwise specified. Output Load is 1TTL Gate and 100 pF.)
1.8 V - 2.5 V Symbol Parameter Min Max 4.5 V - 5.5 V Min Max Units
MEMORY READ & WRITE CYCLE LIMITS FSCL TI (Note 6) tAA tBUF (Note 6) tHD:STA tLOW tHIGH tSU:STA tHD:DAT tSU:DAT tR (Note 6) tF (Note 6) tSU:STO tDH Clock Frequency Noise Suppression Time Constant at SCL, SDA Inputs SCL Low to SDA Data Out and ACK Out Time the Bus Must be Free Before a New Transmission Can Start Start Condition Hold Time Clock Low Period Clock High Period Start Condition Setup Time (for a Repeated Start Condition) Data In Hold Time Data In Setup Time SDA and SCL Rise Time SDA and SCL Fall Time Stop Condition Setup Time Data Out Hold Time 4 100 4.7 4 4.7 4 4.7 0 50 1 300 0.6 100 100 200 3.5 1.2 0.6 1.2 0.6 0.6 0 50 0.3 300 400 200 1 kHz ns ms ms ms ms ms ms ns ns ms ns ms ns
6. This parameter is tested initially and after a design or process change that affects the parameter.
Table 6. POWER-UP TIMING (Notes 6, 7)
Symbol tPUR tPUW Parameter Power-Up to Read Operation Power-Up to Write Operation Min Typ Max 1 1 Units ms ms
7. tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
Table 7. WRITE CYCLE LIMITS
Symbol tWR Write Cycle Time Parameter Min Typ Max 10 Units ms
The write cycle time is the time from a valid stop condition of a write sequence to the end of the internal program/erase cycle. During the write cycle, the bus interface circuits are disabled, SDA is allowed to remain high, and the device does not respond to its slave address.
http://onsemi.com
3
CAT24WC66
Functional Description The CAT24WC66 supports the I2C Bus data transmission protocol. This Inter-Integrated Circuit Bus protocol defines any device that sends data to the bus to be a transmitter and any device receiving data to be a receiver. The transfer is controlled by the Master device which generates the serial clock and all START and STOP conditions for bus access. The CAT24WC66 operates as a Slave device. Both the Master device and Slave device can operate as either transmitter or receiver, but the Master device controls which mode is activated. Pin Description SCL: Serial Clock The serial clock input clocks all data transferred into or out of the device. SDA: Serial Data/Address
tF tLOW SCL tSU:STA SDA IN tAA SDA OUT tDH tBUF tHD:STA tHD:DAT tSU:DAT tSU:STO tHIGH
The bidirectional serial data/address pin is used to transfer all data into and out of the device. The SDA pin is an open drain output and can be wire-ORed with other open drain or open collector outputs. A0, A1, A2: Device Address Inputs These pins are hardwired or left unconnected (for hardware compatibility with CAT24WC16). When hardwired, up to eight CAT24WC66 devices may be addressed on a single bus system (refer to Device Addressing). When the pins are left unconnected, the default values are zeros. WP: Write Protect This input, when tied to GND, allows write operations to the entire memory. When this pin is tied to VCC, the top 1/4 array of memory is write protected. When left floating, memory is unprotected.
tR
tLOW
Figure 2. Bus Timing
SCL
SDA
8TH BIT BYTE n
ACK tWR STOP CONDITION START CONDITION ADDRESS
Figure 3. Write Cycle Timing
SDA
SCL START BIT STOP BIT
Figure 4. Start/Stop Timing
http://onsemi.com
4
CAT24WC66
I2C Bus Protocol The features of the I2C bus protocol are defined as follows: 1. Data transfer may be initiated only when the bus is not busy. 2. During a data transfer, the data line must remain stable whenever the clock line is high. Any changes in the data line while the clock line is high will be interpreted as a START or STOP condition.
START Condition
specifies whether a Read or Write operation is to be performed. When this bit is set to 1, a Read operation is selected, and when set to 0, a Write operation is selected. After the Master sends a START condition and the slave address byte, the CAT24WC66 monitors the bus and responds with an acknowledge (on the SDA line) when its address matches the transmitted slave address. The CAT24WC66 then performs a Read or Write operation depending on the state of the R/W bit.
Acknowledge
The START Condition precedes all commands to the device, and is defined as a HIGH to LOW transition of SDA when SCL is HIGH. The CAT24WC66 monitors the SDA and SCL lines and will not respond until this condition is met.
STOP Condition
A LOW to HIGH transition of SDA when SCL is HIGH determines the STOP condition. All operations must end with a STOP condition. Device Addressing The bus Master begins a transmission by sending a START condition. The Master sends the address of the particular slave device it is requesting. The four most significant bits of the 8-bit slave address are fixed as 1010 (Figure 6). The next three bits (A2, A1, A0) are the device address bits; up to eight 64K devices may to be connected to the same bus. These bits must compare to the hardwired input pins, A2, A1 and A0. The last bit of the slave address
SCL FROM MASTER 1
After a successful data transfer, each receiving device is required to generate an acknowledge. The Acknowledging device pulls down the SDA line during the ninth clock cycle, signaling that it received the 8 bits of data. The CAT24WC66 responds with an acknowledge after receiving a START condition and its slave address. If the device has been selected along with a write operation, it responds with an acknowledge after receiving each 8-bit byte. When the CAT24WC66 begins a READ mode it transmits 8 bits of data, releases the SDA line, and monitors the line for an acknowledge. Once it receives this acknowledge, the CAT24WC66 will continue to transmit data. If no acknowledge is sent by the Master, the device terminates data transmission and waits for a STOP condition. The master must then issue a stop condition to return the CAT24WC66 to the standby power mode and place the device in a known state.
8
9
DATA OUTPUT FROM TRANSMITTER DATA OUTPUT FROM RECEIVER START ACKNOWLEDGE
Figure 5. Acknowledge Timing
1
0
1
0
A2
A1
A0
R/W
DEVICE ADDRESS
Figure 6. Slave Address Bits
http://onsemi.com
5
CAT24WC66
WRITE OPERATIONS
Byte Write
In the Byte Write mode, the Master device sends the START condition and the slave address information (with the R/W bit set to zero) to the Slave device. After the Slave generates an acknowledge, the Master sends two 8-bit address words that are to be written into the address pointers of the CAT24WC66. After receiving another acknowledge from the Slave, the Master device transmits the data to be written into the addressed memory location. The CAT24WC66 acknowledges once more and the Master generates the STOP condition. At this time, the device begins an internal programming cycle to nonvolatile memory. While the cycle is in progress, the device will not respond to any request from the Master device.
Page Write
When all 32 bytes are received, and the STOP condition has been sent by the Master, the internal programming cycle begins. At this point, all received data is written to the CAT24WC66 in a single write cycle.
Acknowledge Polling
The CAT24WC66 writes up to 32 bytes of data, in a single write cycle, using the Page Write operation. The page write operation is initiated in the same manner as the byte write operation, however instead of terminating after the initial byte is transmitted, the Master is allowed to send up to 31 additional bytes. After each byte has been transmitted, CAT24WC66 will respond with an acknowledge, and internally increment the five low order address bits by one. The high order bits remain unchanged. If the Master transmits more than 32 bytes before sending the STOP condition, the address counter `wraps around', and previously transmitted data will be overwritten.
S T BUS ACTIVITY: A MASTER R T SDA LINE S A C K
Disabling of the inputs can be used to take advantage of the typical write cycle time. Once the stop condition is issued to indicate the end of the host's write operation, CAT24WC66 initiates the internal write cycle. ACK polling can be initiated immediately. This involves issuing the start condition followed by the slave address for a write operation. If CAT24WC66 is still busy with the write operation, no ACK will be returned. If CAT24WC66 has completed the write operation, an ACK will be returned and the host can then proceed with the next read or write operation. Write Protection The Write Protection feature allows the user to protect against inadvertent programming of the memory array. If the WP pin is tied to VCC, the top 1/4 of the memory array (locations 1800H to 1FFF) is protected and becomes read only. The CAT24WC66 will accept both slave and byte addresses, but the memory location accessed is protected from programming by the device's failure to send an acknowledge after the first byte of data is received.
SLAVE ADDRESS
BYTE ADDRESS A7-A0 A15-A8 XX X A C K A C K
DATA
S T O P P A C K
Figure 7. Byte Write Timing
BUS ACTIVITY: MASTER S T A R T S T O P P A C K A C K A C K A C K A C K A C K
SLAVE ADDRESS
BYTE ADDRESS A15-A8 A7-A0 XX X A C K
DATA
DATA n
DATA n+31
SDA LINE S
Figure 8. Page Write Timing
READ OPERATIONS The READ operation for the CAT24WC66 is initiated in the same manner as the write operation with one exception, that R/W bit is set to one. Three different READ operations are possible: Immediate/Current Address READ, Selective/ Random READ and Sequential READ.
Immediate/Current Address Read
The CAT24WC66's address counter contains the address of the last byte accessed, incremented by one. In other words, if the last READ or WRITE access was to address N, the READ immediately following would access data from
http://onsemi.com
6
CAT24WC66
address N+1. If N=E (where E=8191), then the counter will `wrap around' to address 0 and continue to clock out data. After the CAT24WC66 receives its slave address information (with the R/W bit set to one), it issues an acknowledge, then transmits the 8 bit byte requested. The master device does not send an acknowledge, but will generate a STOP condition.
Selective/Random Read Sequential Read
Selective/Random READ operations allow the Master device to select at random any memory location for a READ operation. The Master device first performs a `dummy' write operation by sending the START condition, slave address and byte addresses of the location it wishes to read. After CAT24WC66 acknowledges, the Master device sends the START condition and the slave address again, this time with the R/W bit set to one. The CAT24WC66 then responds with its acknowledge and sends the 8-bit byte requested. The master device does not send an acknowledge but will generate a STOP condition.
S T BUS ACTIVITY: A MASTER R T SDA LINE S A C K
The Sequential READ operation can be initiated by either the Immediate Address READ or Selective READ operations. After the CAT24WC66 sends the initial 8-bit byte requested, the Master will respond with an acknowledge which tells the device it requires more data. The CAT24WC66 will continue to output an 8-bit byte for each acknowledge sent by the Master. The operation will terminate when the Master fails to respond with an acknowledge, thus sending the STOP condition. The data being transmitted from CAT24WC66 is outputted sequentially with data from address N followed by data from address N+1. The READ operation address counter increments all of the CAT24WC66 address bits so that the entire memory array can be read during one operation. If more than E (where E=8191) bytes are read out, the counter will `wrap around' and continue to clock out data bytes.
SLAVE ADDRESS
DATA
S T O P P N O A C K
SCL
8
9
SDA
8TH BIT DATA OUT NO ACK STOP
Figure 9. Immediate Address Read Timing
S T BUS ACTIVITY: A MASTER R T SDA LINE S A C K S T A R T S A C K A C K A C K N O A C K S T O P P A C K A C K A C K A C K N O A C K S T O P P
SLAVE ADDRESS
BYTE ADDRESS A7-A0 A15-A8 XXX
SLAVE ADDRESS
DATA
Figure 10. Selective Read Timing
BUS ACTIVITY: MASTER SDA LINE SLAVE ADDRESS
DATA n
DATA n+1
DATA n+2
DATA n+x
Figure 11. Sequential Read Timing
http://onsemi.com
7
CAT24WC66
PACKAGE DIMENSIONS
PDIP-8, 300 mils CASE 646AA-01 ISSUE A
SYMBOL A A1 A2 b E1 b2 c D E E1 e eB PIN # 1 IDENTIFICATION D L 7.87 2.92 3.30 0.38 2.92 0.36 1.14 0.20 9.02 7.62 6.10 3.30 0.46 1.52 0.25 9.27 7.87 6.35 2.54 BSC 10.92 3.80 4.95 0.56 1.78 0.36 10.16 8.25 7.11 MIN NOM MAX 5.33
TOP VIEW E
A
A2
A1 b2 L c
e SIDE VIEW Notes: (1) All dimensions are in millimeters. (2) Complies with JEDEC MS-001.
b
eB
END VIEW
http://onsemi.com
8
CAT24WC66
PACKAGE DIMENSIONS
SOIC 8, 150 mils CASE 751BD-01 ISSUE O
SYMBOL A A1 b c E1 E D E E1 e h L PIN # 1 IDENTIFICATION TOP VIEW 0.25 0.40 MIN 1.35 0.10 0.33 0.19 4.80 5.80 3.80 1.27 BSC 0.50 1.27 NOM MAX 1.75 0.25 0.51 0.25 5.00 6.20 4.00
0
8
D
h
A1
A
c e SIDE VIEW b L END VIEW
Notes: (1) All dimensions are in millimeters. Angles in degrees. (2) Complies with JEDEC MS-012.
http://onsemi.com
9
CAT24WC66
PACKAGE DIMENSIONS
SOIC-8, 208 mils CASE 751BE-01 ISSUE O
SYMBOL A A1 b c E1 E D E E1 e L
MIN
NOM
MAX 2.03
0.05 0.36 0.19 5.13 7.75 5.13 1.27 BSC 0.51
0.25 0.48 0.25 5.33 8.26 5.38 0.76
PIN#1 IDENTIFICATION TOP VIEW
0
8
D
A
q
e
b
A1
L
c END VIEW
SIDE VIEW Notes: (1) All dimensions are in millimeters. Angles in degrees. (2) Complies with EIAJ EDR-7320.
http://onsemi.com
10
CAT24WC66
Example of Ordering Information
Prefix CAT Device # 24WC66 Suffix W I -1.8 - G T3 Rev C (Note 11)
Company ID Product Number 24WC66
Temperature Range I = Industrial (-40C to 85C) A = Automotive (-40C to 105C) E = Extended (-40C to 125C)
Lead Finish Blank: Matte-Tin G: NiPdAu
Die Revision 24WC66: C
Package L: PDIP W: SOIC, JEDEC X: SOIC, EIAJ (Note 12)
Operating Voltage Blank: VCC = 2.5 V to 5.5 V 1.8: VCC = 1.8 V to 5.5 V
Tape & Reel (Note 14) T: Tape & Reel 2: 2000 / Reel (Note 12) 3: 3000 / Reel
8. All packages are RoHS-compliant (Lead-free, Halogen-free). 9. The standard lead finish is NiPdAu. 10. The device used in the above example is a CAT24W66WI-1.8-GT3 (SOIC, Industrial Temperature, 1.8 to 5.5 V Operating Voltage, NiPdAu, Tape & Reel). 11. Product die revision letter is marked on top of the package as a suffix to the production date code (e.g. AYWWC). For additional information, please contact your ON Semiconductor sales office. 12. For SOIC, EIAJ (X) package the standard lead finish is Matte-Tin. This package is available in 2000 pcs/reel, i.e. CAT24WC66XI-T2. 13. For additional package and temperature options, please contact your nearest ON Semiconductor sales office. 14. For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
ON Semiconductor is licensed by Philips Corporation to carry the I2C Bus Protocol.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
11
CAT24WC66/D


▲Up To Search▲   

 
Price & Availability of CAT24WC66WE-18-GT2C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X